データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STA335BWS データシート(PDF) 39 Page - STMicroelectronics

部品番号 STA335BWS
部品情報  2.1-channel high-efficiency digital audio system
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335BWS データシート(HTML) 39 Page - STMicroelectronics

Back Button STA335BWS Datasheet HTML 35Page - STMicroelectronics STA335BWS Datasheet HTML 36Page - STMicroelectronics STA335BWS Datasheet HTML 37Page - STMicroelectronics STA335BWS Datasheet HTML 38Page - STMicroelectronics STA335BWS Datasheet HTML 39Page - STMicroelectronics STA335BWS Datasheet HTML 40Page - STMicroelectronics STA335BWS Datasheet HTML 41Page - STMicroelectronics STA335BWS Datasheet HTML 42Page - STMicroelectronics STA335BWS Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
STA335BWS
Register description
39/68
2.1 channels, two half bridges + one full bridge (OCFG = 01):
"
DDX1A ' OUT1A
"
DDX2A ' OUT1B
"
DDX3A ' OUT2A
"
DDX3B ' OUT2B
"
DDX1A ' OUT3A
"
DDX1B ' OUT3B
"
DDX2A ' OUT4A
"
DDX2B ' OUT4B
"
DDX1A/1B configured as binary
"
DDX2A/2B configured as binary
"
DDX3A/3B configured as binary
"
DDX4A/4B is not used
In this configuration, channel 3 has full control (for example, on volume and EQ). On
OUT3/OUT4 channels the channel 1 and channel 2 PWM are replicated.
In this configuration the PWM slot phase is the following as shown in the next figures:
Figure 14.
2.1 channels (OCFG = 01) PWM slots
OUT1A
OUT2A
OUT2B
OUT3A
OUT3B
OUT1B
OUT4A
OUT4B
OUT1A
OUT2A
OUT2B
OUT3A
OUT3B
OUT1B
OUT4A
OUT4B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68