| データシートサーチシステム |
|
ADP2504ACPZ-4.5-R71 データシート(PDF) 3 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP2504ACPZ-4.5-R71 データシート(HTML) 3 Page - Analog Devices |
|
3 / 16 page ![]() Preliminary Technical Data ADP2503/ADP2504 SPECIFICATIONS VIN = 3.6 V, VOUT = 3.3 V, @ TA = TJ = −40°C to +125°C for minimum/maximum specifications and TA = +25°C for typical specifications, unless otherwise noted.1 Table 1. Parameters Conditions Min Typ Max Unit INPUT CHARACTERISTICS Input Voltage Range 2.3 5.5 V Undervoltage Lockout Threshold VIN rising 2.2 2.25 2.3 V Undervoltage Lockout Threshold VIN falling 2.13 2.18 2.23 V OUTPUT CHARACTERISTICS Output Voltage Range 2.8 5.0 V Feedback Voltage 0.495 0.5 0.55 V Feedback Impedance 450 kΩ Output Voltage Initial Accuracy (PWM Mode, No Load) ADP2503/ADP2504 (PWM operation, no load) −2 +2 % Load and Line Regulation VIN = 2.3 V to 3.6 V, ILOAD = 0mA to 500mA, forced PWM mode 0.5 % VIN = 2.3 V to 5.5 V, ILOAD = 0mA to 500mA, forced PWM mode 0.6 % CURRENT CHARACTERISTICS Quiescent Current (VIN) Shutdown Current IOUT = 0 mA, V mode = EN = VIN = 3.6 V, device not switching TA = TJ = −40°C to +85°C 38 50 0.2 1 μA μA SWITCH CHARACTERISTICS N-Channel Switches (LFCSP) VIN = 3.6 V 150 mΩ P-Channel Switches (LFCSP) VIN = VOUT = 3.6 V 150 mΩ P-Channel Leakage Switch Current Limit TJ = −40°C to +85°C 1 μA ADP2504 1.3 2.0 A ADP2503 1.0 1.4 A Reverse Current Limit 1.1 A OSCILLATOR AND STARTUP Oscillator Frequency VIN = 2.3 V to 5.5 V 2.2 2.5 2.8 MHz On Time PMOS1 (Buck Mode) Minimum duty cycle = 30% 130 ns On Time NMOS2 (Boost Mode) Maximum duty cycle = 50% (×2) 200 ns Sync Clock Frequency 2.2 2.8 MHz Sync Clock Minimum Off Time 160 ns Soft Start Period 200 μs LOGIC LEVEL CHARACTERISTICS EN, SYNC Input High Threshold 1.2 V EN, SYNC Input Low Threshold 0.4 V EN, SYNC Leakage Current −1 +0.1 +1 μA THERMAL CHARACTERISTICS Thermal Shutdown Threshold Thermal Shutdown Hysteresis 150 25 °C °C 1 All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC). Rev. PrB | Page 3 of 16 |