データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADP2504ACPZ-4.5-R71 データシート(PDF) 4 Page - Analog Devices

部品番号 ADP2504ACPZ-4.5-R71
部品情報  600 mA/1000 mA, 2.5 MHz Buck-Boost DC-to-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADP2504ACPZ-4.5-R71 データシート(HTML) 4 Page - Analog Devices

  ADP2504ACPZ-4.5-R71 Datasheet HTML 1Page - Analog Devices ADP2504ACPZ-4.5-R71 Datasheet HTML 2Page - Analog Devices ADP2504ACPZ-4.5-R71 Datasheet HTML 3Page - Analog Devices ADP2504ACPZ-4.5-R71 Datasheet HTML 4Page - Analog Devices ADP2504ACPZ-4.5-R71 Datasheet HTML 5Page - Analog Devices ADP2504ACPZ-4.5-R71 Datasheet HTML 6Page - Analog Devices ADP2504ACPZ-4.5-R71 Datasheet HTML 7Page - Analog Devices ADP2504ACPZ-4.5-R71 Datasheet HTML 8Page - Analog Devices ADP2504ACPZ-4.5-R71 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADP2503/ADP2504
Preliminary Technical Data
ABSOLUTE MAXIMUM RATINGS
Table 1.
Parameter
PVIN, VIN, SW1, SW2, VOUT, SYNC,
−0.3 V to +6 V
EN, FB
PGND to AGND
−0.3 V to 0.3 V
Operating Ambient Temperature
−40°C to +85°C
Operating Junction Temperature
−40°C to +125°C
Storage Temperature
−65°C to +150°C
Lead Temperature
Soldering (10 sec)
300°C
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
ESD Human Body Model
±1000 V
ESD Charged Device Model
±500 V
ESD Machine Model
±100 V
Rating
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Absolute maximum ratings apply individually only, not in
combination. Unless otherwise specified, all other voltages are
referenced to GND.
THERMAL RESISTANCE
θJA is specified for device soldered JEDEC2S2P PCB. For a
typical printed circuit board of a handset, the total thermal
resistance is higher. For correct operation up to 85°C ambient
temperature the total thermal resistance must not exceed
100 K/W.
Table 2.
Package Type
θ
JA
Unit
10-Lead LFCSP (QFN)
84
°C/W
ESD CAUTION
Rev. PrB | Page 4 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16