| データシートサーチシステム |
|
ADE3800XT データシート(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ADE3800XT データシート(HTML) 33 Page - STMicroelectronics |
|
33 / 138 page ![]() 33/138 ADE3800 Register Description by Block 4.6 Sync Retiming (SRT) The Sync Retiming block retimes synchronization signals (e.g. HSync and VSync) into either the XCLK or in-clock domains. SRT provides the following: ● Retimes all sync signals going to SMEAS into the xclk domain ● Extracts vertical sync from composite sync signals ● Divides sclk by up to 1024 for activity detection purposes (SMEAS) ● Generates a delayed version of vertical sync from a mux-selectable vertical sync source ● Generates a coast signal in the xclk domain for the LLPLL ● Measures the effect of the filter on marginal composite sync signals and returns a bad_filter flag ● Retimes horizontal and vertical syncs into the inclk domain. 4.6.1 Coast Signal In composite or SOG sync mode, HSYNC pulses may not exist during the VSYNC pulse signal and will cause the LLK to unlock and loose track of HSYNC signal. Coarse signal (also known as LLK Inhibit/Free Run signal) is used to generate a vertical pulse that wraps around the incoming VSYNC. Coast pulse reference (0) is either edge of VSYNC, and its set and reset values are expressed in XCLK units. Figure 6: Vertical sync extraction and filtering srt_vsync_sel[2] |