| データシートサーチシステム |
|
ADE3800XT データシート(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ADE3800XT データシート(HTML) 40 Page - STMicroelectronics |
|
40 / 138 page ![]() Register Description by Block ADE3800 40/138 SMEAS_H_SEL 0113 R/W [6:4] 00 Fastmute input select 0*: HSync 1: HSync generated from LLK 2: EXT_SOG 3: SOG[0] 4: SOG[1] 5: SOG[2] 6,7: reserved R/W [3:0] H measurement input select 0*: HSync 1: HSync generated from LLK 2: EXT_SOG 3: SOG[0] 4: SOG[1] 5: SOG[2] 6-A: reserved B: inclk / 1024 (for test only) C: dotclk / 1024 (for test only) D: TCON enab (for test only) E: TCON HSync (for test only) F: sclk_div (for test only) SMEAS_V_SEL 0114 R/W [7:4] 00 Vertical high level duration measurement input select 0*: VSYNC pin 1: extracted Vsync from HSYNC pin composite sync 2: extracted Vsync from EXT_SOG composite sync 3: filtered vsync from SRT block (normal condition) 4: SOG[0] extracted vsync 5: SOG[1] extracted vsync 6: SOG[2] extracted vsync 7-F: reserved R/W [3:0] V measurement input select 0*: VSYNC pin 1: extracted Vsync from HSYNC pin composite sync 2: extracted Vsync from EXT_SOG composite sync 3: filtered vsync from SRT block (normal condition) 4: SOG[0] extracted vsync 5: SOG[1] extracted vsync 6: SOG[2] extracted vsync 7-F: reserved Table 17: SMEAS Register Definitions (Sheet 3 of 6) Register Name Addr Mode Bits Rst Description |