データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPMD250STP データシート(PDF) 21 Page - STMicroelectronics

部品番号 SPMD250STP
部品情報  2.5 A bipolar stepper motor drive module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPMD250STP データシート(HTML) 21 Page - STMicroelectronics

Back Button SPMD250STP Datasheet HTML 17Page - STMicroelectronics SPMD250STP Datasheet HTML 18Page - STMicroelectronics SPMD250STP Datasheet HTML 19Page - STMicroelectronics SPMD250STP Datasheet HTML 20Page - STMicroelectronics SPMD250STP Datasheet HTML 21Page - STMicroelectronics SPMD250STP Datasheet HTML 22Page - STMicroelectronics SPMD250STP Datasheet HTML 23Page - STMicroelectronics SPMD250STP Datasheet HTML 24Page - STMicroelectronics SPMD250STP Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
SPMD250STP
Multi modules application
21/29
10
Multi modules application
In complex systems, many motors must be controlled and driven. In such a case more than
one SPMD250STP must be used.
To avoid chopper frequencies noise and beats, all the modules should be synchronized.
If all the motors are relatively small, the fast decay may be used, the chopper frequency
does not need any adjustement and Figure 17 shows how to synchronize several modules.
When at least one motor is relatively large a lower chopper frequency and a slow decay may
be required: In such a case the overall system chopper frequency is determined by the
largest motor in the system as shown in Figure 18.
Figure 17.
Multimotor synchronization, small motor and fast current decay
SPMD250STP
SPMD250STP
SPMD250STP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29