データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STE2002 データシート(PDF) 55 Page - STMicroelectronics

部品番号 STE2002
部品情報  81 x 128 single-chip LCD controller/driver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002 データシート(HTML) 55 Page - STMicroelectronics

Back Button STE2002 Datasheet HTML 51Page - STMicroelectronics STE2002 Datasheet HTML 52Page - STMicroelectronics STE2002 Datasheet HTML 53Page - STMicroelectronics STE2002 Datasheet HTML 54Page - STMicroelectronics STE2002 Datasheet HTML 55Page - STMicroelectronics STE2002 Datasheet HTML 56Page - STMicroelectronics STE2002 Datasheet HTML 57Page - STMicroelectronics STE2002 Datasheet HTML 58Page - STMicroelectronics STE2002 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 61 page
background image
STE2002
Pad coordinates
55/61
VDD2_8
207
+1375.0
+839.5
VSS_6
241
-1075.0
+839.5
VDD2_9
208
+1325.0
+946.5
VSS_7
242
-1125.0
+946.5
VDD2_10
209
+1325.0
+839.5
VSS_8
243
-1125.0
+839.5
VDD2_11
210
+1275.0
+946.5
VSS_9
244
-1175.0
+946.5
VDD2_12
211
+1275.0
+839.5
VSS_10
245
-1175.0
+839.5
BUSY_FLAG
212
+1125.0
+946.5
VSS_11
246
-1225.0
+946.5
SDOUT
213
+975.0
+946.5
VSS_12
247
-1225.0
+839.5
SDIN
214
+925.0
+946.5
VSS_13
248
-1275.0
+946.5
SD/C
215
+875.0
+946.5
VSS_14
249
-1275.0
+839.5
SCE
216
+825.0
+946.5
VSS_15
250
-1325.0
+946.5
SCLK
217
+775.0
+946.5
VSS_16
251
-1325.0
+839.5
VSSAUX
218
+625.0
+946.5
VSS_17
252
-1375.0
+946.5
R/W
219
+575.0
+946.5
VSS_18
253
-1375.0
+839.5
D7
220
+525.0
+946.5
VSS_19
254
-1425.0
+946.5
D6
221
+475.0
+946.5
VSS_20
255
-1425.0
+839.5
D5
222
+425.0
+946.5
TEST_11
256
-1475.0
+946.5
D4
223
+375.0
+946.5
TEST_12
257
-1525.0
+946.5
D3
224
+325.0
+946.5
TEST_13
258
-1575.0
+946.5
D2
225
+275.0
+946.5
TEST_14
259
-1625.0
+946.5
D1
226
+225.0
+946.5
OSC_OUT
260
-2175.0
+946.5
D0
227
+175.0
+946.5
VLCDIN_1
261
-2325.0
+946.5
PD/C
228
+125.0
+946.5
VLCDIN_2
262
-2325.0
+839.5
E
229
+75.0
+946.5
VLCDIN_3
263
-2375.0
+946.5
RES
230
-75.0
+946.5
VLCDIN_4
264
-2375.0
+839.5
VSSAUX
231
-225.0
+946.5
VLCDIN_5
265
-2425.0
+946.5
SDA_OUT
232
-275.0
+946.5
VLCDIN_6
266
-2425.0
+839.5
SDA_OUT
233
-325.0
+946.5
VLCDIN_7
267
-2475.0
+946.5
SDA_IN
234
-375.0
+946.5
VLCDIN_8
268
-2475.0
+839.5
SCL
235
-425.0
+946.5
VLCDIN_9
269
-2525.0
+946.5
VSS_1
236
-975.0
+946.5
VLCDIN_10
270
-2525.0
+839.5
VSS_2
237
-975.0
+839.5
VLCDSENSE_1
271
-2575.0
+946.5
VSS_3
238
-1025.0
+946.5
VLCDSENSE_2
272
-2575.0
+839.5
VSS_4
239
-1025.0
+839.5
VLCDOUT_1
273
-2625.0
+946.5
VSS_5
240
-1075.0
+946.5
VLCDOUT_2
274
-2625.0
+839.5
Table 28.
Pad coordinates (continued)
Name
Pad
X (
µm)
Y(
µm)
Name
Pad
X (
µm)
Y(
µm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61