データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STE2002 データシート(PDF) 6 Page - STMicroelectronics

部品番号 STE2002
部品情報  81 x 128 single-chip LCD controller/driver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002 データシート(HTML) 6 Page - STMicroelectronics

Back Button STE2002 Datasheet HTML 2Page - STMicroelectronics STE2002 Datasheet HTML 3Page - STMicroelectronics STE2002 Datasheet HTML 4Page - STMicroelectronics STE2002 Datasheet HTML 5Page - STMicroelectronics STE2002 Datasheet HTML 6Page - STMicroelectronics STE2002 Datasheet HTML 7Page - STMicroelectronics STE2002 Datasheet HTML 8Page - STMicroelectronics STE2002 Datasheet HTML 9Page - STMicroelectronics STE2002 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 61 page
background image
Pin description
STE2002
6/61
Figure 1.
Chip mechanical drawing
STE2002
COL
0
VDD1
VLCDIN
VLCDOUT
SA1
SCL
SDAIN
SDAOUT
VDD2
SEL1
SEL2
VSSAUX
VLCDSENSE
(0,0)
X
Y
E
PD/C
D0
D1
D2
D3
D4
D5
D6
D7
SCLK
SCE
SD/C
SDIN
BSY_FLG
TEST_6
EXT_SET
SA0
RES
VSS
TEST_11
TEST_12
TEST_13
TEST_14
COL 127
ROW 39.
ROW 80/ICON
COL 63
COL 64
OSCIN
VSSAUX
VLCDIN
VLCDSENSE
OSCOUT
R/W
SDOUT
ICON_MODE
VDD1
VDD2
VSSAUX
TEST_4
TEST_5
TEST_3
TEST_10
TEST_8
TEST_9
TEST_7
TEST_2
TEST_1
VLCDOUT
MARK_1
MARK_4
MARK_3
MARK_2
ROW 35
ROW 76
ROW 79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61