データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STE2007 データシート(PDF) 27 Page - STMicroelectronics

部品番号 STE2007
部品情報  96 x 68 Single-chip LCD controller/driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2007 データシート(HTML) 27 Page - STMicroelectronics

Back Button STE2007 Datasheet HTML 23Page - STMicroelectronics STE2007 Datasheet HTML 24Page - STMicroelectronics STE2007 Datasheet HTML 25Page - STMicroelectronics STE2007 Datasheet HTML 26Page - STMicroelectronics STE2007 Datasheet HTML 27Page - STMicroelectronics STE2007 Datasheet HTML 28Page - STMicroelectronics STE2007 Datasheet HTML 29Page - STMicroelectronics STE2007 Datasheet HTML 30Page - STMicroelectronics STE2007 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 62 page
background image
STE2007
Interface
27/62
4.4
Reading mode
STE2007 features a reading Command to transmitt data from the LCD driver to Host
Processor. After the reading command STE2007 transfers 8 bits to the Host controller:
Identification Byte (Command Code DBhex)
4.4.1
IIdentification byte
Identification byte is an 8 Bit code that identify the module revision Number.
Figure 19.
Identification byte in reading mode
Figure 20.
Identification information
Table 15.
ID byte format
Bit nr
D7(MSB)
D6
D5D4D3D2D1
D0(LSB)
00
IDB PAD
IDA PAD
000
0
ASIC(MCU)
STE2007
SDA
SCLK
XCS
Power IC
VDD
VDDI
GND
RESET
VLCD
Voltage booster
LCD Power
Supply circuit
Driver TxData
MCU TxData
Driver side
BaseBand side
Auto
return
ID
Multi
plexer
Command decoder
test
VDD
VDDI
VSS
VSSCP
VDDCP
Send rading command (DBh)
Read status(ID data)
Send reset command
Identification Information
Command:E2H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62