| データシートサーチシステム |
|
STE2007 データシート(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STE2007 データシート(HTML) 29 Page - STMicroelectronics |
|
29 / 62 page ![]() STE2007 Display Data RAM (DDRAM) 29/62 Figure 23. Column address in reversed mode Data can be written to the DDRAM at the same time as data is being displayed, without causing the LCD to flicker. Segment driver direction command can be used to reverse the relationship between the DDRAM column address and segment output. This function is achieved writing data into DDRAM in reverse order (from Right to left). Table 16. Column address direction 5.2 Line address circuit The line address circuit specifies the line address relating to the COM output when the contents of the DDRAM are displayed. The display start line that is normally the top line of the display, can be specified by Display start line address set command. STE2007 features Four different Multiplexing Mode to fine tune the duty ratio on the display size: – 68 Lines Display – 65 Lines Display – 49 Lines Display – 33 Lines Display Column address 00H 01H 02H 5DH 5EH 5FH 5DH Normal Direction SEG0 SEG1 SEG2 _ _ _ _ _ _ SEG93 SEG94 SEG95 Reverse Direction SEG95 SEG94 SEG93 _ _ _ _ _ _ SEG2 SEG1 SEG0 0H 1H 2H 3H 4H 5H 96 97 98 192 193 194 288 289 290 384 385 386 480 481 482 190 191 286 287 382 383 478 479 574 575 00H 01H 02H 5EH 5FH D0 D1 D2 D3 D4 D5 D6 D7 Data Page address Column address 6H 7H 8H 576 577 578 672 673 674 768 769 770 670 671 766 767 862 863 Data for page address 0H to 07H D0 Data for page address 8H 95 94 LSBit MSBit D1 D2 D3 |