データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STLS2F01 データシート(PDF) 20 Page - STMicroelectronics

部品番号 STLS2F01
部品情報  Loongson 2F: High performance 64-bit superscalar MIPS® microprocessor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLS2F01 データシート(HTML) 20 Page - STMicroelectronics

Back Button STLS2F01 Datasheet HTML 16Page - STMicroelectronics STLS2F01 Datasheet HTML 17Page - STMicroelectronics STLS2F01 Datasheet HTML 18Page - STMicroelectronics STLS2F01 Datasheet HTML 19Page - STMicroelectronics STLS2F01 Datasheet HTML 20Page - STMicroelectronics STLS2F01 Datasheet HTML 21Page - STMicroelectronics STLS2F01 Datasheet HTML 22Page - STMicroelectronics STLS2F01 Datasheet HTML 23Page - STMicroelectronics STLS2F01 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
I/O bus interface description
STLS2F01
20/48
Figure 6.
Local bus write timing
3.6
Interrupt handling
An interrupt controller is built in STLS2F01 processor to handle internal and external
interrupt. The most significant 4 bits of the interrupt INTn[5:0] in STLS2E01 are still being
used as interrupt in STLS2F01, while the other two bits are used for new interrupt in
STLS2F01, such as PCI_IRQ and GPIO, etc.
How to handle the interrupt between processors: the interrupt initiator writes the dedicated
interrupt register in the chipset. Upon receiving the request for interrupt transmission, the
chipset will request the target processor for interrupt. The processor handles the request in
the same way as the previous STLS2E01 and beyond.
lioden
liodir
lioadlock
liocs
pciclk
lioaddr
lioad
liowr
addr[7:0]
addr[7:0]+1
addr[23:8]data_0
data_1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48