データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STLS2F02 データシート(PDF) 19 Page - STMicroelectronics

部品番号 STLS2F02
部品情報  Loongson 2F high performance 64-bit superscalar MIPS® microprocessor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLS2F02 データシート(HTML) 19 Page - STMicroelectronics

Back Button STLS2F02 Datasheet HTML 15Page - STMicroelectronics STLS2F02 Datasheet HTML 16Page - STMicroelectronics STLS2F02 Datasheet HTML 17Page - STMicroelectronics STLS2F02 Datasheet HTML 18Page - STMicroelectronics STLS2F02 Datasheet HTML 19Page - STMicroelectronics STLS2F02 Datasheet HTML 20Page - STMicroelectronics STLS2F02 Datasheet HTML 21Page - STMicroelectronics STLS2F02 Datasheet HTML 22Page - STMicroelectronics STLS2F02 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
STLS2F02
IO bus interface description
19/49
3.5
Local bus description
The local bus is a simple peripheral interface. It is mainly used to connect to boot ROM.
There are two chip select signals, and a corresponding configurable data width and access
delay. The read and writing timings are shown in Figure 5 and Figure 6. When the data
width is 16-bits, the output address can be generated by shifting the physical address right
one bit.
Figure 5.
Local bus read timing
lioden
liodir
lioadlock
liocs
pciclk
lioaddr
lioad
liord
addr[7:0]
addr[7:0]+1
addr[23..8]data
data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49