データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STLS2F02 データシート(PDF) 36 Page - STMicroelectronics

部品番号 STLS2F02
部品情報  Loongson 2F high performance 64-bit superscalar MIPS® microprocessor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLS2F02 データシート(HTML) 36 Page - STMicroelectronics

Back Button STLS2F02 Datasheet HTML 32Page - STMicroelectronics STLS2F02 Datasheet HTML 33Page - STMicroelectronics STLS2F02 Datasheet HTML 34Page - STMicroelectronics STLS2F02 Datasheet HTML 35Page - STMicroelectronics STLS2F02 Datasheet HTML 36Page - STMicroelectronics STLS2F02 Datasheet HTML 37Page - STMicroelectronics STLS2F02 Datasheet HTML 38Page - STMicroelectronics STLS2F02 Datasheet HTML 39Page - STMicroelectronics STLS2F02 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
DDR2 SDRAM controller interface description
STLS2F02
36/49
4.5
DDR2 SDRAM sample mode configuration
A DDR2 SDRAM controller is integrated in the STLS2F02. A delay compensation circuit
(using a DLL) samples return data on DQS. Since there is a data return path delay between
the memory controller and the SDRAM module, it is necessary to introduce a set of control
signals to measure the delay.
The control signals of DDR2_GATE_I[3:0] and DDR2_GATE_O[3:0] are used for the delay
measurement. On the PCB the signals DDR2_GATE_I and DDR2_GAT_O are connected
together to imitate the wiring delay on the PCB. The sampling accuracy is thus guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49