| データシートサーチシステム |
|
STW41411/T データシート(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STW41411/T データシート(HTML) 29 Page - STMicroelectronics |
|
29 / 31 page ![]() Ordering information STw4141 28/30 6 Ordering information Table 11. STw4141 order codes Part number Package Package marking Output voltage options(1) Packing V OUT 1 (2) (I/O) V OUT 2 (CORE) V OUT 2reduced (CORE) STw41411 TFBGA 3x3x1.2 16 balls STA1 1.8 V 1.2 V 1.0 V Tray STw41411/T STA1 1.8 V 1.2 V 1.0 V Tape and reel STw41412 STA2 1.8 V 1.3 V 1.0 V Tray STw41412/T STA2 1.8 V 1.3 V 1.0 V Tape and reel STw41413 STA3 1.8 V 1.4 V 1.2 V Tray STw41413/T STA3 1.8 V 1.4 V 1.2 V Tape and reel STw41414 STA4 1.8 V 1.5 V 1.3 V Tray STw41414/T STA4 1.8 V 1.5 V 1.3 V Tape and reel STw41415 STA5 1.8 V 1.25 V 1.0 V Tray STw41415/T STA5 1.8 V 1.25 V 1.0 V Tape and reel STw41416 STA6 1.8 V 1.35 V 1.0 V Tray STw41416/T STA6 1.8 V 1.35 V 1.0 V Tape and reel STw41417 STA7 1.5 V 1.3 V 1.0 V Tray STw41417/T STA7 1.5 V 1.3 V 1.0 V Tape and reel 1. The output configuration which will be introduced in production will be only those related to customer design-in. 2. THIS CONDITION MUST BE ALWAYS VALID. VOUT1 VOUT2 ≥ |