データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STW8009 データシート(PDF) 50 Page - STMicroelectronics

部品番号 STW8009
部品情報  Mobile video DENC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW8009 データシート(HTML) 50 Page - STMicroelectronics

Back Button STW8009 Datasheet HTML 46Page - STMicroelectronics STW8009 Datasheet HTML 47Page - STMicroelectronics STW8009 Datasheet HTML 48Page - STMicroelectronics STW8009 Datasheet HTML 49Page - STMicroelectronics STW8009 Datasheet HTML 50Page - STMicroelectronics STW8009 Datasheet HTML 51Page - STMicroelectronics STW8009 Datasheet HTML 52Page - STMicroelectronics STW8009 Datasheet HTML 53Page - STMicroelectronics STW8009 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 66 page
background image
STw8009/STw8019
Bus interface
49/65
Figure 19.
2-wire serial MPU control interface format (I2C compatible) / 10-bit addresses
Figure 20.
2-wire serial MPU control interface timing
8 LSBs
A2 STw8009 register address
A
* Write operation (10 bits addresses)
P
STw8009 register data
A
Can be repeated n times to write in successive registers
STw8009 register address
A
P
* Double transaction read
Sr
r/w
A3
STw8009 register data
P
Read (1)
Can be repeated n times to read in successive registers
STw8009 register address A3
* Single transaction read
STw8009 register data
P
Can be repeated n times
to read in successive registers
Sr
r/w
Read (1)
S
11110
r/w
A1
Write (0)
2MSBs
8 LSBs
A2
S
11110
r/w
A1
2MSBs
STw8009 slave address
Write (0)
STw8009 slave address
11110
2MSBs
8 LSBs
A2
S
11110
r/w
A1
2MSBs
Write (0)
STw8009 slave address
8 LSBs
A2
S
11110
r/w
A1
2MSBs
Write (0)
STw8009 slave address
11110
2MSBs
A
A/NA
A/NA
S Start condition
P
Stop condition A/NA Acknowledge / No Acknoledge
From master to slave
From slave to master
Sr
Repeated start condition
8 LSBs
A2 STw8009 register address
A
* Write operation (10 bits addresses)
P
STw8009 register data
A
Can be repeated n times to write in successive registers
STw8009 register address
A
P
* Double transaction read
Sr
r/w
A3
STw8009 register data
P
Read (1)
Can be repeated n times to read in successive registers
STw8009 register address A3
* Single transaction read
STw8009 register data
P
Can be repeated n times
to read in successive registers
Sr
r/w
Read (1)
S
11110
r/w
A1
Write (0)
2MSBs
8 LSBs
A2
S
11110
r/w
A1
2MSBs
STw8009 slave address
Write (0)
STw8009 slave address
11110
2MSBs
8 LSBs
A2
S
11110
r/w
A1
2MSBs
Write (0)
STw8009 slave address
8 LSBs
A2
S
11110
r/w
A1
2MSBs
Write (0)
STw8009 slave address
11110
2MSBs
A
A/NA
A/NA
S Start condition
P
Stop condition A/NA Acknowledge / No Acknoledge
From master to slave
From slave to master
Sr
Repeated start condition
tBUF
tHD_STA
tLOW
tR
S=Start
P=Stop
SCLK
SDA
tF
tHD_DAT
tHIGH
tSU_DAT
tSU_STA
tHD_STA
Sr=Start repeated
tSU_STO
P=Stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66