| データシートサーチシステム |
|
STPCELITE データシート(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPCELITE データシート(HTML) 27 Page - STMicroelectronics |
|
27 / 87 page ![]() STRAP OPTION Release 1.3 - January 29, 2002 27/87 This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice. 3. STRAP OPTION This chapter defines the STPC Elite Strap Options and their location. Some strap options have been left programmable for future versions of silicon.. Table 3-1. Strap Options Signal Designation Actual Settings1 Set to’0’ Set to’1’ MD2 HCLK_PLL speed User defined see Section 3.1.4. bit 6 MD3 User defined see Section 3.1.4. bit 7 MD4 PCI_CLKO divisor User defined see Section 3.1.1. bit 4 MD5 MCLK/HCLK Sync (see Section 3.1.1. ) User defined Async Sync MD6 PCI_CLKO setup User defined see Section 3.1.1. bit 6 MD7 Reserved Pull down - - MD10 Reserved Pull down - - MD11 Reserved Pull down - - MD16 Reserved Pull up - - MD17 PCI_CLKO divisor User defined see Section 3.1.3. bit 1 MD18 Reserved Pull Up - - MD19 Reserved Pull Up - - MD20 Reserved Pull Up - - MD21 Reserved Pull Up - - MD22 Reserved Pull up - - MD23 Reserved Pull up - - MD24 HCLK PLL speed User defined see Section 3.1.4. bit 3 MD25 User defined see Section 3.1.4. bit 4 MD26 User defined see Section 3.1.4. bit 5 MD27 Reserved Pull down MD28 Reserved Pull down MD29 Reserved Pull down MD30 Reserved Pull down MD40 CPU clock multiplication factor User defined X1 X2 MD41 Reserved Pull down - - MD42 Reserved Pull up - - MD43 Reserved Pull down - - MD44 Bus select User defined ISA Local Bus MD45 Reserved Pull down - - MD46 Reserved Pull up - - MD47 Reserved Pull down - - MD48 Reserved Pull up - - TC Reserved Pull up DACK_ENC[2:0] Reserved Pull up Note1: Where a strap is represented by a ’Pull up’ or ’Pull down’, these have to be adhered to. If it is represented as a ’- ’ it can be left unconnected. Where ’User defined’, the strap is set by the user. |