| データシートサーチシステム |
|
STPCELITE データシート(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPCELITE データシート(HTML) 51 Page - STMicroelectronics |
|
51 / 87 page ![]() ELECTRICAL SPECIFICATIONS Release 1.3 - January 29, 2002 51/87 This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice. 4.5.8. IDE INTERFACE Table 4-14 lists the AC characteristics of the IDE interface. Table 4-14. IDE Interface Timing Name Parameters Min Max Units DD[15:0] setup to PIOR#/SIOR# falling 15 - ns DD[15:0} hold to PIOR#/SIOR# falling 0 - ns |