データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6756D データシート(PDF) 14 Page - STMicroelectronics

部品番号 L6756D
部品情報  2/3/4 phase buck controller for VR10, VR11 and VR11.1 processor applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6756D データシート(HTML) 14 Page - STMicroelectronics

Back Button L6756D Datasheet HTML 10Page - STMicroelectronics L6756D Datasheet HTML 11Page - STMicroelectronics L6756D Datasheet HTML 12Page - STMicroelectronics L6756D Datasheet HTML 13Page - STMicroelectronics L6756D Datasheet HTML 14Page - STMicroelectronics L6756D Datasheet HTML 15Page - STMicroelectronics L6756D Datasheet HTML 16Page - STMicroelectronics L6756D Datasheet HTML 17Page - STMicroelectronics L6756D Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
Electrical specifications
L6756D
14/36
Table 6.
Voltage identification (VID) for Intel VR11.x mode
HEX code
VID[7:0]
Output
voltage
HEX code
VID[7:0]
Output
voltage
HEX code
VID[7:0]
Output
voltage
HEX code
VID[7:0]
Output
voltage
0
0
OFF
4
0
1.21250
8
0
0.81250
C
0
0.41250
0
1
OFF
4
1
1.20625
8
1
0.80625
C
1
0.40625
0
2
1.60000
4
2
1.20000
8
2
0.80000
C
2
0.40000
0
3
1.59375
4
3
1.19375
8
3
0.79375
C
3
0.39375
0
4
1.58750
4
4
1.18750
8
4
0.78750
C
4
0.38750
0
5
1.58125
4
5
1.18125
8
5
0.78125
C
5
0.38125
0
6
1.57500
4
6
1.17500
8
6
0.77500
C
6
0.37500
0
7
1.56875
4
7
1.16875
8
7
0.76875
C
7
0.36875
0
8
1.56250
4
8
1.16250
8
8
0.76250
C
8
0.36250
0
9
1.55625
4
9
1.15625
8
9
0.75625
C
9
0.35625
0
A
1.55000
4
A
1.15000
8
A
0.75000
C
A
0.35000
0
B
1.54375
4
B
1.14375
8
B
0.74375
C
B
0.34375
0
C
1.53750
4
C
1.13750
8
C
0.73750
C
C
0.33750
0
D
1.53125
4
D
1.13125
8
D
0.73125
C
D
0.33125
0
E
1.52500
4
E
1.12500
8
E
0.72500
C
E
0.32500
0
F
1.51875
4
F
1.11875
8
F
0.71875
C
F
0.31875
1
0
1.51250
5
0
1.11250
9
0
0.71250
D
0
0.31250
1
1
1.50625
5
1
1.10625
9
1
0.70625
D
1
0.30625
1
2
1.50000
5
2
1.10000
9
2
0.70000
D
2
0.30000
1
3
1.49375
5
3
1.09375
9
3
0.69375
D
3
0.29375
1
4
1.48750
5
4
1.08750
9
4
0.68750
D
4
0.28750
1
5
1.48125
5
5
1.08125
9
5
0.68125
D
5
0.28125
1
6
1.47500
5
6
1.07500
9
6
0.67500
D
6
0.27500
1
7
1.46875
5
7
1.06875
9
7
0.66875
D
7
0.26875
1
8
1.46250
5
8
1.06250
9
8
0.66250
D
8
0.26250
1
9
1.45625
5
9
1.05625
9
9
0.65625
D
9
0.25625
1
A
1.45000
5
A
1.05000
9
A
0.65000
D
A
0.25000
1
B
1.44375
5
B
1.04375
9
B
0.64375
D
B
0.24375
1
C
1.43750
5
C
1.03750
9
C
0.63750
D
C
0.23750
1
D
1.43125
5
D
1.03125
9
D
0.63125
D
D
0.23125
1
E
1.42500
5
E
1.02500
9
E
0.62500
D
E
0.22500
1
F
1.41875
5
F
1.01875
9
F
0.61875
D
F
0.21875
2
0
1.41250
6
0
1.01250
A
0
0.61250
E
0
0.21250
2
1
1.40625
6
1
1.00625
A
1
0.60625
E
1
0.20625



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36