データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MSC7119 データシート(PDF) 15 Page - Freescale Semiconductor, Inc

部品番号 MSC7119
部品情報  Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC7119 データシート(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MSC7119 Datasheet HTML 11Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 12Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 13Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 14Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 15Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 16Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 17Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 18Page - Freescale Semiconductor, Inc MSC7119 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
Pin Assignments
MSC7119 Data Sheet, Rev. 8
Freescale Semiconductor
15
U2
D21
U3
D23
U4
VDDM
U5
VDDC
U6
VDDC
U7
VDDC
U8
VDDC
U9
VDDC
U10
VDDC
U11
VDDC
U12
VDDC
U13
VDDC
U14
VDDC
U15
VDDC
U16
VDDC
U17
VDDC
U18
reserved
COL
U19
TCK
U20
TRST
V1
VDDM
V2
NC
V3
A13
V4
A11
V5
A10
V6
A5
V7
A2
V8
BA0
V9
NC
V10
reserved
EVNT0
V11
SWTE
GPIA16
IRQ12
GPOA16
EVNT4
V12
GPIA8
IRQ6
GPOA8
T0TCK
V13
GPIA4
IRQ1
GPOA4
T1RFS
V14
GPIA0
IRQ11
GPOA0
T1TD
V15
GPIA28
IRQ17
GPOA28
TX_ER
reserved
V16
GPID6
GPOD6
RXD2
reserved
V17
GPIA22
IRQ22
GPOA22
RXD0
Table 1. MSC7119 Signals by Ball Designator (continued)
Number
Signal Names
End of Reset
Software Controlled
Hardware Controlled
GPI Enabled
(Default)
Interrupt
Enabled
GPO Enabled
Primary
Alternate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60