データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PAM2306EN2YPBA データシート(PDF) 3 Page - Power Analog Micoelectronics

部品番号 PAM2306EN2YPBA
部品情報  Dual High-Efficiency PWM Step-Down DC-DC Coverter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PAM [Power Analog Micoelectronics]
ホームページ  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2306EN2YPBA データシート(HTML) 3 Page - Power Analog Micoelectronics

  PAM2306EN2YPBA Datasheet HTML 1Page - Power Analog Micoelectronics PAM2306EN2YPBA Datasheet HTML 2Page - Power Analog Micoelectronics PAM2306EN2YPBA Datasheet HTML 3Page - Power Analog Micoelectronics PAM2306EN2YPBA Datasheet HTML 4Page - Power Analog Micoelectronics PAM2306EN2YPBA Datasheet HTML 5Page - Power Analog Micoelectronics PAM2306EN2YPBA Datasheet HTML 6Page - Power Analog Micoelectronics PAM2306EN2YPBA Datasheet HTML 7Page - Power Analog Micoelectronics PAM2306EN2YPBA Datasheet HTML 8Page - Power Analog Micoelectronics PAM2306EN2YPBA Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Pin No.
Pin Name
Pin Function
1
VIN2
Power Input of Channel 2
.
2
LX2
Pin for Switching of Channel 2
.
3
,9,
Exposed Pad
GND
Ground
.The exposed pad must be soldered to a large PCB and connected to
GND for maximum power dissipation
.
4
FB1
Feedback of Channel 1
.
5
,11
NC1
,NC2
No Connection
6
EN1
Chip Enable of Channel 1
(Active High).VEN1≤VIN1.
7
VIN1
Power Input of Channel 1
.
8
LX1
Pin for Switching of Channel 1
.
10
FB2
Feedback of Channel 2
.
12
EN2
Chip Enable of Channel 2
(Active High). VEN2≤VIN2.
PAM2306
Dual High-Efficiency PWM Step-Down DC-DC Coverter
3
,
Power Analog Microelectronics Inc
www.poweranalog.com
07/2008 Rev 1.0
Pin Configuration and Marking Information
TOP VIEW
WDFN
-12L 3x3
v:
v :
Output Voltage 2
(refer to “Ordering
Information”)
X:
Internal Code
Y:
Year
W: Week
1
2
Output Voltage 1
VIN2
LX2
N1
C
F1
B
E2
N
N2
C
F2
B
L1
X
GND
GND
E1
N
VIN1
11
10
9
1
2
3
4
5
12
67
8
GND
2306v v
XXXYW
12
(Exposed Pad)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com