データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M38039G4HKP データシート(PDF) 33 Page - Renesas Technology Corp

部品番号 M38039G4HKP
部品情報  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38039G4HKP データシート(HTML) 33 Page - Renesas Technology Corp

Back Button M38039G4HKP Datasheet HTML 29Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 30Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 31Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 32Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 33Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 34Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 35Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 36Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 92 page
background image
Rev.1.10
Nov 14, 2005
Page 33 of 91
REJ03B0166-0110
3803 Group (Spec.H QzROM version)
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
Fig 23. Structure of timer 12, X and timer Y, Z count source selection registers
b7
b0
Timer 12, X count source selection register
(T12XCSS : address 000E16)
Timer 12 count source selection bits
b3 b2 b1 b0
0 000 : f(XIN)/2 or f(XCIN)/2
0 001 : f(XIN)/4 or f(XCIN)/4
0 0 1 0 : f(XIN)/8 or f(XCIN)/8
0 0 1 1 : f(XIN)/16 or f(XCIN)/16
0 1 0 0 : f(XIN)/32 or f(XCIN)/32
0 1 0 1 : f(XIN)/64 or f(XCIN)/64
0 1 1 0 : f(XIN)/128 or f(XCIN)/128
0 1 1 1 : f(XIN)/256 or f(XCIN)/256
1 0 0 0 : f(XIN)/512 or f(XCIN)/512
1 0 0 1 : f(XIN)/1024 or f(XCIN)/1024
1 0 1 0 :
1 0 1 1 :
1 1 0 0 :
1 1 0 1 :
1 1 1 0 :
1 1 1 1 :
Not used
Timer X count source selection bits
b7 b6 b5 b4
0 000 : f(XIN)/2 or f(XCIN)/2
0 001 : f(XIN)/4 or f(XCIN)/4
0 0 1 0 : f(XIN)/8 or f(XCIN)/8
0 0 1 1 : f(XIN)/16 or f(XCIN)/16
0 1 0 0 : f(XIN)/32 or f(XCIN)/32
0 1 0 1 : f(XIN)/64 or f(XCIN)/64
0 1 1 0 : f(XIN)/128 or f(XCIN)/128
0 1 1 1 : f(XIN)/256 or f(XCIN)/256
1 0 0 0 : f(XIN)/512 or f(XCIN)/512
1 0 0 1 : f(XIN)/1024 or f(XCIN)/1024
1 0 1 0 : f(XCIN)
1 0 1 1 :
1 1 0 0 :
1 1 0 1 :
1 1 1 0 :
1 1 1 1 :
Not used
b7
b0
Timer Y, Z count source selection register
(TYZCSS : address 000F16)
Timer Y count source selection bits
b3 b2 b1 b0
0 000 : f(XIN)/2 or f(XCIN)/2
0 001 : f(XIN)/4 or f(XCIN)/4
0 0 1 0 : f(XIN)/8 or f(XCIN)/8
0 0 1 1 : f(XIN)/16 or f(XCIN)/16
0 1 0 0 : f(XIN)/32 or f(XCIN)/32
0 1 0 1 : f(XIN)/64 or f(XCIN)/64
0 1 1 0 : f(XIN)/128 or f(XCIN)/128
0 1 1 1 : f(XIN)/256 or f(XCIN)/256
1 0 0 0 : f(XIN)/512 or f(XCIN)/512
1 0 0 1 : f(XIN)/1024 or f(XCIN)/1024
1 0 1 0 : f(XCIN)
Timer Z count source selection bits
b7 b6 b5 b4
0 000 : f(XIN)/2 or f(XCIN)/2
0 001 : f(XIN)/4 or f(XCIN)/4
0 0 1 0 : f(XIN)/8 or f(XCIN)/8
0 0 1 1 : f(XIN)/16 or f(XCIN)/16
0 1 0 0 : f(XIN)/32 or f(XCIN)/32
0 1 0 1 : f(XIN)/64 or f(XCIN)/64
0 1 1 0 : f(XIN)/128 or f(XCIN)/128
0 1 1 1 : f(XIN)/256 or f(XCIN)/256
1 0 0 0 : f(XIN)/512 or f(XCIN)/512
1 0 0 1 : f(XIN)/1024 or f(XCIN)/1024
1 0 1 0 : f(XCIN)
1 0 1 1 :
1 1 0 0 :
1 1 0 1 :
1 1 1 0 :
1 1 1 1 :
Not used
1 0 1 1 :
1 1 0 0 :
1 1 0 1 :
1 1 1 0 :
1 1 1 1 :
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92