| データシートサーチシステム |
|
M38039G4HKP データシート(PDF) 65 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38039G4HKP データシート(HTML) 65 Page - Renesas Technology Corp |
|
65 / 92 page ![]() Rev.1.10 Nov 14, 2005 Page 65 of 91 REJ03B0166-0110 3803 Group (Spec.H QzROM version) PRELIMINARY Notice: This is not a final specification. Some parametric limits are subject to change. Fig 59. Ceramic resonator circuit Fig 60. External clock input circuit XCIN XCOUT XIN XOUT CIN COUT CCIN CCOUT Rf Rd Rd (Note) Notes : Insert a damping resistor if required. The resistance will vary depending on the oscillator and the oscillation drive capacity setting. Use the value recommended by the maker of the oscillator. Also, if the oscillator manufacturer's data sheet specifies to add a feedback resistor externally to the chip though a feedback resistor exists on-chip, insert a feedback resistor between XIN and XOUT following the instruction. XIN XOUT External oscillation circuit VCC VSS Open XCIN XCOUT External oscillation circuit Open VCC VSS |