| データシートサーチシステム |
|
HD74LS48 データシート(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74LS48 データシート(HTML) 2 Page - Renesas Technology Corp |
|
2 / 7 page ![]() HD74LS48 Rev.3.00, Jul.22.2005, page 2 of 6 Function Table Inputs Outputs Decimal or Function LT RBI D C B A BI / RBO a b c d e f g Note 0 H H L L L L H H H H H H H L 1 H X L L L H H L H H L L L L 2 H X L L H L H H H L H H L H 3 H X L L H H H H H H H L L H 4 H X L H L L H L H H L L H H 5 H X L H L H H H L H H L H H 6 H X L H H L H L L H H H H H 7 H X L H H H H H H H L L L L 8 H X H L L L H H H H H H H H 9 H X H L L H H H H H L L H H 10 H X H L H L H L L L H H L H 11 H X H L H H H L L H H L L H 12 H X H H L L H L H L L L H H 13 H X H H L H H H L L H L H H 14 H X H H H L H L L L H H H H 15 H X H H H H H L L L L L L L 1 BI X X X X X X L L L L L L L L 2 RBI H L L L L L L L L L L L L L 3 LT L X X X X X H H H H H H H H 4 H; high level, L; low level, X, irrelevant Notes: 1. The blanking input (BI) must be open or held at a high logic level when output functions 0 through 15 are desired. 2. When a low logic level is applied directly to the blanking input (BI), all segment outputs are low regardless of the level of any other input. 3. When ripple-blanking input (RBI) and inputs A, B, C, and D are at a low level with the lamp-test input high, all segment outputs go low and the ripple-blanking output (RBO) goes to a low level (response condition). 4. When a blanking input / ripple blanking output (BI / RBO) is open or held high and a low is applied to the lamp-test input, all segment outputs are high. a 5 4 3 2 1 0 6 7 8 9 101112131415 b d c f e g |