| データシートサーチシステム |
|
HD74LS48 データシート(PDF) 3 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74LS48 データシート(HTML) 3 Page - Renesas Technology Corp |
|
3 / 7 page ![]() HD74LS48 Rev.3.00, Jul.22.2005, page 3 of 6 Block Diagram Blanking Input or Ripple Blanking Output (BI/RBO) Lamp Test (LT) Ripple Blanking (RBI) Outputs Inputs A B C D Inputs a b c d e f g Absolute Maximum Ratings Item Symbol Ratings Unit Supply voltage VCC 7 V Input voltage VIN 7 V Power dissipation PT 400 mW Storage temperature Tstg –65 to +150 °C Note: Voltage value, unless otherwise noted, are with respect to network ground terminal. Recommended Operating Conditions Item Symbol Min Typ Max Unit Supply voltage VCC 4.75 5.00 5.25 V IOH (a to g) — — –100 µA Output current IOH (BI/RBO) — — –50 µA IOL (a to g) — — 6 mA Output current IOL (BI/RBO) — — 3.2 mA Operating temperature Topr -20 25 75 °C |