| データシートサーチシステム |
|
HS4318ESS01H データシート(PDF) 42 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HS4318ESS01H データシート(HTML) 42 Page - Renesas Technology Corp |
|
42 / 68 page ![]() HD404318 Series 40 $FF + 1 $00 Timer C count value Overflow Time CPU operation Normal operation Timer C clear Normal operation Timer C clear Program runaway Normal operation Reset Figure 31 Watchdog Timer Operation Flowchart Notes on Use When using the timer output as PWM output, note the following point. From the update of the timer write register until the occurrence of the overflow interrupt, the PWM output differs from the period and duty settings, as shown in table 8. The PWM output should therefore not be used until after the overflow interrupt following the update of the timer write register. After the overflow, the PWM output will have the set period and duty cycle. Table 8 PWM Output Following Update of Timer Write Register PWM Output Mode Timer Write Register is Updated during High PWM Output Timer Write Register is Updated during Low PWM Output Free running Timer write register updated to value N Interrupt request T × (255 – N) T × (N + 1) Timer write register updated to value N Interrupt request T × (N' + 1) T × (255 – N) T × (N + 1) Reload Timer write register updated to value N Interrupt request T T × (255 – N) T Timer write register updated to value N Interrupt request T T × (255 – N) T |