| データシートサーチシステム |
|
HS4318ESS01H データシート(PDF) 56 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HS4318ESS01H データシート(HTML) 56 Page - Renesas Technology Corp |
|
56 / 68 page ![]() HD404318 Series 54 Notes on Mounting Assemble all parts including the HD404318 Series on a board, noting the points described below. 1. Connect layered ceramic type capacitors (about 0.1 µF) between AV CC and AVSS, between VCC and GND, and between used analog pins and AV SS. 2. Connect unused analog pins to AV SS. AV AN AN to AN AV CC SS 0 1 7 AV AN AN AN to AN AV CC SS 0 1 2 7 AV AN AN AN to AN AV CC SS 0 1 2 7 1. When not using an A/D converter. V GND CC V GND CC V GND CC 2. When using pins AN and AN but not using AN to AN . 01 2 7 3. When using all analog pins. 0.1 µF 3 × 0.1 µF 9 × 0.1 µF Figure 49 Example of Connections (1) |