| データシートサーチシステム |
|
HD404334FS データシート(PDF) 45 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404334FS データシート(HTML) 45 Page - Renesas Technology Corp |
|
45 / 80 page ![]() HD404339 Series 43 Bit Initial value Read/Write Bit name 3 0 W TMB13 2 0 W TMB12 0 0 W TMB10 1 0 W TMB11 Timer mode register B1 (TMB1: $009) 0 1 0 1 0 1 0 1 0 1 0 1 0 1 2048tcyc 512tcyc 128tcyc 32tcyc 8tcyc 4tcyc 2tcyc TMB12 TMB10 TMB11 Input Clock Period and Input Clock Source D2/EVNB (External event input) TMB13 0 1 Free-Running/Reload Timer Selection Free-running timer Reload timer Figure 31 Timer Mode Register B1 (TMB1) Bit Initial value Read/Write Bit name 3 — — Not used 2 0 W TMB22 0 0 W TMB20 1 0 W TMB21 Timer mode register B2 (TMB2: $026) TMB21 0 1 TMB20 0 1 0 1 EVNB Edge Detection Selection No detection Falling edge detection Rising edge detection Rising and falling edge detection TMB22 0 1 Free-Running/Reload and Input Capture Selection Free-Running/Reload Input Capture Figure 32 Timer Mode Register B2 (TMB2) |