| データシートサーチシステム |
|
HD404336FS データシート(PDF) 39 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404336FS データシート(HTML) 39 Page - Renesas Technology Corp |
|
39 / 80 page ![]() HD404339 Series 37 Timers The MCU has three built-in timers A, B, and C. The functions of each timer are listed in table 7. Timer A Timer A is an 8-bit free-running timer that can also be used as a clock time-base with a 32.768-kHz subsystem oscillator. Timer A has the following features: • One of eight internal clocks can be selected from prescaler S according to the setting of timer mode register A (TMA: $008) • In time-base mode, one of five internal clocks can be selected from prescaler W according to the setting of timer mode register A • An interrupt request can be generated when timer counter A (TCA) overflows • Input clock frequency must not be modified during timer A operation Table 7 Timer Functions Functions Timer A Timer B Timer C Clock source Prescaler S Available Available Available Prescaler W Available — — External event — Available — Timer functions Free-running Available Available Available Time base Available — — Event counter — Available — Reload — Available Available Watchdog — — Available Input capture — Available — Timer output PWM — — Available |