| データシートサーチシステム |
|
HD4046212RFS データシート(PDF) 91 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD4046212RFS データシート(HTML) 91 Page - Renesas Technology Corp |
|
91 / 157 page ![]() HD404629R Series 89 Transfer completion (IFS 1) Interrupts inhibited IFS 0 SMRA write IFS = 1? Transmit clock error processing Normal termination ← ← Yes No Transmit clock error detection flowchart , Transmit clock error detection procedure State SCK pin (input) Transmit clock wait state Transfer state Transfer state Transmit clock wait state Noise Transfer state has been entered by the transmit clock error. When SMRA is written, IFS is set. Flag set because octal counter reaches 000 Flag reset at transfer completion SMRA write IFS 12 3 4 56 78 Figure 73 Transmit Clock Error Detection |