| データシートサーチシステム |
|
HD4046212RFS データシート(PDF) 29 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD4046212RFS データシート(HTML) 29 Page - Renesas Technology Corp |
|
29 / 157 page ![]() HD404629R Series 27 Bit Initial value Read/Write Bit name 3 0 W ESR23 2 0 W ESR22 0 0 W ESR20 1 0 W ESR21 Detection edge selection register 2 (ESR2: $027) ESR21 0 1 ESR20 0 1 0 1 INT4 detection edge No detection Falling-edge detection Rising-edge detection Double-edge detection ESR23 0 1 ESR22 0 1 0 1 EVND detection edge No detection Falling-edge detection Rising-edge detection Double-edge detection Note: Both falling and rising edges are detected. ** * Figure 13 Detection Edge Selection Register 2 (ESR2) External Interrupt Masks (IM0–IM4: $000, $001, $022, $023): Prevent (mask) interrupt requests caused by the corresponding external interrupt request flags, as listed in table 6. Table 6 External Interrupt Masks (IM0–IM4: $000, $001, $022, $023) IM0–IM4 Interrupt Request 0 Enabled 1 Disabled (masked) Timer A Interrupt Request Flag (IFTA: $001, Bit 2): Set by overflow output from timer A, as listed in table 7. Table 7 Timer A Interrupt Request Flag (IFTA: $001, Bit 2) IFTA Interrupt Request 0No 1 Yes |