| データシートサーチシステム |
|
4513 データシート(PDF) 77 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4513 データシート(HTML) 77 Page - Renesas Technology Corp |
|
77 / 97 page ![]() Parameter Instruction code Function Mnemonic Type of instructions D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 Hexadecimal notation 76 4513/4514 Group SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER MITSUBISHI MICROCOMPUTERS MACHINE INSTRUCTIONS (continued) TAB1 T1AB TAB2 T2AB TAB3 T3AB TAB4 T4AB TR1AB TR3AB SNZT1 SNZT2 SNZT3 SNZT4 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 27 0 23 0 27 1 23 1 27 2 23 2 27 3 23 3 23 F 23 B 28 0 28 1 28 2 28 3 1001110000 1000110000 1001110001 1000110001 1001110010 1000110010 1001110011 1000110011 1000111111 1000111011 1010000000 1010000001 1010000010 1010000011 (B) ← (T17–T14) (A) ← (T13–T10) (R17–R14) ← (B) (T17–T14) ← (B) (R13–R10) ← (A) (T13–T10) ← (A) (B) ← (T27–T24) (A) ← (T23–T20) (R27–R24) ← (B) (T27–T24) ← (B) (R23–R20) ← (A) (T23–T20) ← (A) (B) ← (T37–T34) (A) ← (T33–T30) (R37–R34) ← (B) (T37–T34) ← (B) (R33–R30) ← (A) (T33–T30) ← (A) (B) ← (T47–T44) (A) ← (T43–T40) (R47–R44) ← (B) (T47–T44) ← (B) (R43–R40) ← (A) (T43–T40) ← (A) (R17–R14) ← (B) (R13–R10) ← (A) (R37–R34) ← (B) (R33–R30) ← (A) (T1F) = 1 ? After skipping (T1F) ← 0 (T2F) = 1 ? After skipping (T2F) ← 0 (T3F) = 1 ? After skipping (T3F) ← 0 (T4F) = 1 ? After skipping (T4F) ← 0 |