| データシートサーチシステム |
|
STV1602A データシート(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV1602A データシート(HTML) 4 Page - STMicroelectronics |
|
4 / 22 page ![]() PIN DESCRIPTION (continued) Pin N o Symbol Equivalent Circuit Description I/O Standard Min. Typ. Max. Unit 31 MON Equalizer monitor output. Connect 75 Ω resistor between MON-GND. Observe using a 50 Ω input oscilloscope at the 75 Ω coaxial cable. O 15 mV (pp) 32 ADS Serial data input selection High : Digital input DIX/DIY Low : Equalizer input AIX/AIY H L I -0.5 -5 V V 33 DIX Serial data digital differential input I 34 DIY Selected when ADS is High. H L -1.0 -1.6 V V GND EE V 31 V R3 500 Ω 1k Ω 500 Ω 500 Ω GND EE V V R3 V R2 ? 32 2k Ω 2k Ω 2k Ω EE V V R3 33 34 VR1 GND 500 Ω 500 Ω 500 Ω STV1602A 4/22 |