| データシートサーチシステム |
|
STV1602A データシート(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV1602A データシート(HTML) 5 Page - STMicroelectronics |
|
5 / 22 page ![]() PIN DESCRIPTION (continued) Pin N o Symbol Equivalent Circuit Description I/O Standard Min. Typ. Max. Unit 37 ESI PLL error signal input : must be connected to ESO with the shortest distance i -3.2 V 6TN1 Serial data input activation High : Input disabled (VCO free running condition). Low : Input enabled. During switch-on phase, by temporarily hold High for quick start-up I -1.0 -4.0 V V 20 SYN State changes at each TRS Sync word 3FFH 000H 000H H L O -1.0 -4.0 V V EE V GND 37 2k Ω EE V GND 6 4k Ω 12k Ω 2k Ω 20k Ω VCC GND 2k Ω 4k Ω 2k Ω EE V 20 STV1602A 5/22 |