| データシートサーチシステム |
|
M16C/29 データシート(PDF) 193 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/29 データシート(HTML) 193 Page - Renesas Technology Corp |
|
193 / 499 page ![]() 13. Timer S p u o r G 9 2 / C 6 1 M page 169 8 5 4 f o 7 0 0 2 , 0 3 .r a M 2 1 . 1 . v e R 2 1 1 0 - 1 0 1 0 B 9 0 J E R 13.6.1 INPC17 Alternate Input Pin Selection The input capture pin for IC/OC channel 7 can be assigned to one of two package pins. The CH7INSEL ________ bit in the G1BCR0 register selects IC/OC INPC17 from P27/OUTC17/INPC17 or P17/INT5/INPC17/IDU. ________ 13.6.2 Digital Debounce Function for Pin P17/INT5/INPC17 ________ ________ The INT5/INPC17 input from the P17/INT5/INPC17/IDU pin has an effective digital debounce function against a noise rejection. Refer to 19.6 Digital Debounce function for this detail. |