| データシートサーチシステム |
|
M16C/29 データシート(PDF) 194 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/29 データシート(HTML) 194 Page - Renesas Technology Corp |
|
194 / 499 page ![]() 14.Serial I/O p u o r G 9 2 / C 6 1 M page 170 8 5 4 f o 7 0 0 2 , 0 3 .r a M 2 1 . 1 . v e R 2 1 1 0 - 1 0 1 0 B 9 0 J E R 14. Serial I/O Note The SI/O4 interrupt of peripheral function interrupt is not available in the 64-pin package. Serial I/O is configured with five channels: UART0 to UART2, SI/O3 and SI/O4. 14.1 UARTi (i=0 to 2) UARTi each have an exclusive timer to generate a transfer clock, so they operate independently of each other. Figure 14.1 shows the block diagram of UARTi. Figures 14.2 and 14.3 shows the block diagram of the UARTi transmit/receive. UARTi has the following modes: • Clock synchronous serial I/O mode • Clock asynchronous serial I/O mode (UART mode). • Special mode 1 (I2C bus mode): UART2 • Special mode 2: UART2 • Special mode 3 (Bus collision detection function, IEBus mode): UART2 • Special mode 4 (SIM mode): UART2 Figures 14.4 to 14.9 show the UARTi-related registers. Refer to tables listing each mode for register setting. |