| データシートサーチシステム |
|
M32C/8A データシート(PDF) 365 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8A データシート(HTML) 365 Page - Renesas Technology Corp |
|
365 / 372 page ![]() M32C/8A Group 24. Usage Notes Rev.1.00 Jul 15, 2007 Page 348 of 352 REJ09B0385-0100 • If an A/D conversion in progress is forcibly aborted by setting the ADST bit in the AD0CON0 register to 0 (A/D conversion stops), the A/D conversion result will be incorrect. The AD0i register which is not performing A/D conversion may also be incorrect. If the ADST bit is set to 0 during A/D conversion, do not use values obtained from any of AD0i registers. • External triggers cannot be used in DMAC operating mode. Do not read the AD00 register using instructions. • Do not perform A/D conversion in wait mode. • To abort an A/D conversion in progress by setting the ADST bit in the AD0CON0 register to 0 in single sweep mode, disable interrupts before setting the ADST bit to 0. (Technical update: TN-16C-132A/EA) |