| データシートサーチシステム |
|
M32C/8A データシート(PDF) 82 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8A データシート(HTML) 82 Page - Renesas Technology Corp |
|
82 / 372 page ![]() M32C/8A Group 8. Bus Rev.1.00 Jul 15, 2007 Page 65 of 352 REJ09B0385-0100 8.2.8 External Bus States when Accessing Internal Space Table 8.9 lists external bus states when the internal space is accessed. Table 8.9 External Bus States when Accessing Internal Space 8.2.9 BCLK Output The bus clock can be output from the BCLK pin in microprocessor mode. To output the bus clock, set the PM07 bit in the PM0 register to 0 (BCLK output) and bits CM01 and CM00 in the CM0 register to 00b (I/O port P5_3). Refer to 9. Clock Generation Circuits for details. Item State when Accessing SFR and Internal RAM A0 to A22, A23 Hold the last accessed address in the external space D0 to D15 High-impedance RD, WR, WRL, WRH Outputs “H” BHE Holds the output level at the time when the MCU accessed the external space or SFR area for the last time CS Outputs “H” ALE Outputs ALE signal |