| データシートサーチシステム |
|
M32C/8A データシート(PDF) 18 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8A データシート(HTML) 18 Page - Renesas Technology Corp |
|
18 / 372 page ![]() Rev.1.00 Jul 15, 2007 Page 1 of 352 REJ09B0385-0100 M32C/8A Group RENESAS MCU 1. Overview 1.1 Features The M32C/8A Group is a single-chip control MCU, fabricated using high-performance silicon gate CMOS technology, embedding the M32C/80 Series CPU core. The M32C/8A Group is housed in 144-pin and 100-pin plastic molded LQFP packages. With a 16-Mbyte address space, this MCU combines advanced instruction manipulation capabilities to process complex instructions by less bytes and execute instructions at higher speed. The M32C/8A Group has a multiplier and DMAC adequate for office automation, communication devices and industrial equipment, and other high-speed processing applications. 1.1.1 Applications Audio, cameras, office/communication/portable equipment, etc. 1.1.2 Specifications Tables 1.11.3 to 1.4 lists the specifications of the M32C/8A Group. The M32C/8A Group is ROMless device. Use the M32C/8A Group in microprocessor mode after reset. |