| データシートサーチシステム |
|
M32C/8A データシート(PDF) 127 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8A データシート(HTML) 127 Page - Renesas Technology Corp |
|
127 / 372 page ![]() M32C/8A Group 11. Interrupts Rev.1.00 Jul 15, 2007 Page 110 of 352 REJ09B0385-0100 Figure 11.10 Interrupt Priority Level Select Circuit DMA1 DMA2 DMA3 Timer A0 UART0 transmission/NACK UART0 reception/ACK UART1 transmission/NACK Timer B1 Timer B2 Timer B3 Timer B4 INT5 INT4 INT2 INT1 INT0 Timer B5 UART2 transmission/NACK UART2 reception/ACK IPL I flag DMA0 Timer A3 Timer A4 Watchdog timer, oscillation stop detection, Vdet4 detection NMI DMACII Interrupt request acknowledged (to CPU) Level 0 (initial value) Interrupt priority level High Low Peripheral function interrupt priority (if priority levels are the same) Timer A1 Timer A2 UART1 reception/ACK Timer B0 INT3 UART3 transmission/NACK Address match Interrupt request priority level detection result outputs (to the clock generation circuit) UART3 reception/ACK UART4 transmission/NACK UART4 reception/ACK Bus conflict/ start or stop condition detection (UART2) Bits RLVL2 to RLVL0 Bus conflict/ start or stop condition detection (UART0, UART3) Key input interrupt A/D0 Bus conflict/ start or stop condition detection (UART1, UART4) Interrupt priority level |