| データシートサーチシステム |
|
M32C/8A データシート(PDF) 176 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8A データシート(HTML) 176 Page - Renesas Technology Corp |
|
176 / 372 page ![]() M32C/8A Group 15. Timers (Timer A) Rev.1.00 Jul 15, 2007 Page 159 of 352 REJ09B0385-0100 Figure 15.16 Operation in Event Counter Mode When Handling Two-Phase Pulse Signals on Timers A2, A3, and A4 Normal processing operation (Timer A2 and timer A3) Set to 0 by an interrupt request acknowledgement or by program. m m+1 m+2 m+1 m m-1 1 0 FFFF FFFE FFFF 0 TAjOUT TAjIN <Free-running function> Counter value IR bit in the TAjIC register m m+1 m+2 m+1 m m-1 1 0 FFFF m-1 m m+1 <Reload function> Counter value IR bit in the TAjIC register Set to 0 by an interrupt request acknowledgement or by program. The counter increments at the following timings: -at the rising edge of TAkIN while TAkOUT is “H” -at the falling edge of TAkIN while TAkOUT is “L” -at the rising edge of TAkOUT while TAkIN is “L” -at the falling edge of TAkOUT while TAkIN is “H” Set to 0 by an interrupt request acknowledgement or by program. m m+1 m+2 m+1 m m-1 1 0 FFFF FFFE FFFF 0 TAkOUT TAkIN <Free-running function> Counter value IR bit in the TAkIC register m m+1 m+2 m+1 m m-1 1 0 FFFF m-1 m m+1 <Reload function> Counter value IR bit in the TAkIC register Set to 0 by an interrupt request acknowledgement or by program. : increment :decrement The counter decrements at the following timings: -at the rising edge of TAkIN while TAkOUT is “L” -at the falling edge of TAkIN while TAkOUT is “H” -at the rising edge of TAkOUT while TAkIN is “H” -at the falling edge of TAkOUT while TAkIN is “L” While an "H" is applied to the TAjOUT pin (j = 2, 3), the counter increments at the rising edge of the TAjIN pin and decrements at the falling edge. Multiply-by-4 processing operation (Timer A3 and timer A4) |