| データシートサーチシステム |
|
M32C/8A データシート(PDF) 254 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8A データシート(HTML) 254 Page - Renesas Technology Corp |
|
254 / 372 page ![]() M32C/8A Group 17. Serial Interfaces Rev.1.00 Jul 15, 2007 Page 237 of 352 REJ09B0385-0100 Table 17.14 Pin Settings in Special Mode 2 NOTES: 1. Set registers PS0, PS1, and PS3 after setting other registers. 2. Set the PD9 or PS3 register immediately after the PRC2 bit in the PRCR register is set to 1 (write enable). Do not generate an interrupt or a DMA or DMACII transfer between these two instructions. 3. P7_0 and P7_1 are N-channel open drain output ports. Port Function Bit Setting PD6, PD7, PD9 Registers(2) PSC Register PSL0, PSL1, PSL3 Registers PS0, PS1, PS3 Registers(1)(2) P6_0 SS0 input PD6_0 = 0 −− PS0_0 = 0 P6_1 CLK0 output (master) −− PSL0_1 = 0 PS0_1 = 1 CLK0 input (slave) PD6_1 = 0 −− PS0_1 = 0 P6_2 RXD0 input (master) PD6_2 = 0 −− PS0_2 = 0 STXD0 output (slave) −− PSL0_2 = 1 PS0_2 = 1 P6_3 TXD0 output (master) −− PSL0_3 = 0 PS0_3 = 1 SRXD0 input (slave) PD6_3 = 0 −− PS0_3 = 0 P6_4 SS1 input PD6_4 = 0 −− PS0_4 = 0 P6_5 CLK1 output (master) −− PSL0_5 = 0 PS0_5 = 1 CLK1 input (slave) PD6_5 = 0 −− PS0_5 = 0 P6_6 RXD1 input (master) PD6_6 = 0 −− PS0_6 = 0 STXD1 output (slave) −− PSL0_6 = 1 PS0_6 = 1 P6_7 TXD1 output (master) −− PSL0_7 = 0 PS0_7 = 1 SRXD1 input (slave) PD6_7 = 0 −− PS0_7 = 0 P7_0(3) TXD2 output (master) − PSC_0 = 0 PSL1_0 = 0 PS1_0 = 1 SRXD2 input (slave) PD7_0 = 0 −− PS1_0 = 0 P7_1(3) RXD2 input (master) PD7_1 = 0 −− PS1_1 = 0 STXD2 output (slave) −− PSL1_1 = 1 PS1_1 = 1 P7_2 CLK2 output (master) − PSC_2 = 0 PSL1_2 = 0 PS1_2 = 1 CLK2 input (slave) PD7_2 = 0 −− PS1_2 = 0 P7_3 SS2 input PD7_3 = 0 −− PS1_3 = 0 P9_0 CLK3 output (master) −− PSL3_0 = 0 PS3_0 = 1 CLK3 input (slave) PD9_0 = 0 −− PS3_0 = 0 P9_1 RXD3 input (master) PD9_1 = 0 −− PS3_1 = 0 STXD3 output (slave) −− PSL3_1 = 1 PS3_1 = 1 P9_2 TXD3 output (master) −− PSL3_2 = 0 PS3_2 = 1 SRXD3 input (slave) PD9_2 = 0 −− PS3_2 = 0 P9_3 SS3 input PD9_3 = 0 − PSL3_3 = 0 PS3_3 = 0 P9_4 SS4 input PD9_4 = 0 − PSL3_4 = 0 PS3_4 = 0 P9_5 CLK4 output (master) −− − PS3_5 = 1 CLK4 input (slave) PD9_5 = 0 − PSL3_5 = 0 PS3_5 = 0 P9_6 TXD4 output (master) −− − PS3_6 = 1 SRXD4 input (slave) PD9_6 = 0 − PSL3_6 = 0 PS3_6 = 0 P9_7 RXD4 input (master) PD9_7 = 0 −− PS3_7 = 0 STXD4 output (slave) −− PSL3_7 = 1 PS3_7 = 1 |