| データシートサーチシステム |
|
M32C/8A データシート(PDF) 263 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8A データシート(HTML) 263 Page - Renesas Technology Corp |
|
263 / 372 page ![]() M32C/8A Group 17. Serial Interfaces Rev.1.00 Jul 15, 2007 Page 246 of 352 REJ09B0385-0100 Table 17.19 Pin Settings in SIM Mode NOTES: 1. Set registers PS0, PS1, and PS3 after setting other registers. 2. Set the PD9 or PS3 register immediately after the PRC2 bit in the PRCR register is set to 1 (write enable). Do not generate an interrupt or a DMA or DMACII transfer between these two instructions. 3. P7_0 is an N-channel open drain output port. Port Function Bit Setting PD6, PD7, PD9 Registers(2) PSC Register PSL0, PSL1, PSL3 Registers PS0, PS1, PS3 Registers(1)(2) P6_2 RXD0 input PD6_2 = 0 − PS0_2 = 0 P6_3 TXD0 output − PSL0_3 = 0 PS0_3 = 1 P6_6 RXD1 input PD6_6 = 0 − PS0_6 = 0 P6_7 TXD1 output − PSL0_7 = 0 PS0_7 = 1 P7_0(3) TXD2 output − PSC_0 = 0 PSL1_0 = 0 PS1_0 = 1 P7_1 RXD2 input PD7_1 = 0 −− PS1_1 = 0 P9_1 RXD3 input PD9_1 = 0 −− PS3_1 = 0 P9_2 TXD3 output −− PSL3_2 = 0 PS3_2 = 1 P9_6 TXD4 output −− − PS3_6 = 1 P9_7 RXD4 input PD9_7 = 0 −− PS3_7 = 0 |