| データシートサーチシステム |
|
M32C/8A データシート(PDF) 268 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8A データシート(HTML) 268 Page - Renesas Technology Corp |
|
268 / 372 page ![]() M32C/8A Group 18. A/D Converter Rev.1.00 Jul 15, 2007 Page 251 of 352 REJ09B0385-0100 18. A/D Converter M32C/8A Group has one 10-bit successive approximation A/D converter with a capacitance coupled amplifier. The results of A/D conversion are stored into the AD0i registers (i = 0 to 7) corresponding to the selected pins. When using DMAC operating mode, the conversion results are stored only into the AD00 register. Table 18.1 lists specifications of the A/D converter. Figure 18.1 shows a block diagram of the A/D converter. Figures 18.2 to 18.6 show registers associated with the A/D converter. This section is described in the 144-pin package as an example. Pins AN15_0 to AN15_7 are not provided in the 100-pin package. NOTE |