| データシートサーチシステム |
|
M32C/8B データシート(PDF) 244 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8B データシート(HTML) 244 Page - Renesas Technology Corp |
|
244 / 406 page ![]() Under development M32C/8B Group 17. Serial Interfaces Preliminary specification Specifications in this manual are tentative and subject to change. REJ09B0450-0050 Rev.0.50 Oct 31, 2008 Page 227 of 385 Table 17.8 Register Settings in I2C Mode (2/2) i = 0 to 4 Register Bit Setting Value Master Slave UiC0 CLK1, CLK0 Select the count source of the UiBRG register Disabled CRS Disabled because the CRD bit is set to 1 TXEPT Transmit shift register empty flag CRD, NCH Set to 1 CKPOL Set to 0 UFORM Set to 1 UiC1 TE Set to 1 to enable transmit operation TI UiTB register empty flag RE Set to 1 to enable receive operation RI Receive operation complete flag UiLCH, UiERE Set to 0 UiBRG 7 to 0 Set baud rate Disabled IFSR IFSR7, IFSR6 Select the UARTi interrupt source UiTB 7 to 0 Set transmit data UiRB 7 to 0 Receive data can be read 8 ACK or NACK is received ABT Arbitration lost detect flag Disabled OER Overrun error flag |