| データシートサーチシステム |
|
38K2 データシート(PDF) 83 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
38K2 データシート(HTML) 83 Page - Renesas Technology Corp |
|
83 / 358 page ![]() FUNCTIONAL DESCRIPTION Rev.2.00 Oct 15, 2006 page 64 of 130 38K2 Group REJ09B0338-0200 HARDWARE b7 b0 DPIDX b7:b1 – – 0 – HUB downstream port index register (HUBINDEX) [address 002A16] Bit name Bit symbol At reset Function H/W S/W O O O O –: State remaining HUB downstream port index bit Not used 0 : HUB downstream port 1 1 : HUB downstream port 2 Write “0” when writing. “0” is read when reading. 00 0 0 0 0 0 W R Fig. 95 Structure of HUB downstream port index register |