| データシートサーチシステム |
|
38K2 データシート(PDF) 31 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
38K2 データシート(HTML) 31 Page - Renesas Technology Corp |
|
31 / 358 page ![]() FUNCTIONAL DESCRIPTION Rev.2.00 Oct 15, 2006 page 12 of 130 38K2 Group REJ09B0338-0200 HARDWARE Fig. 9 Memory map of special function register (SFR) 002016 002116 002216 002316 002416 002516 002616 002716 002816 002916 002A16 002B16 002C16 002D16 002E16 002F16 003016 003116 003216 003316 003416 003516 003616 003716 003816 003916 003A16 003B16 003C16 003D16 003E16 003F16 000016 000116 000216 000316 000416 000516 000616 000716 000816 000916 000A16 000B16 000C16 000D16 000E16 000F16 001016 001116 001216 001316 001416 001516 001616 001716 001816 001916 001A16 001B16 001C16 001D16 001E16 001F16 Port P0 (P0) Port P1 (P1) Port P1 direction register (P1D) Port P2 (P2) Port P2 direction register (P2D) Port P3 (P3) Port P4 (P4) Port P4 direction register (P4D) Port P5 (P5) Port P5 direction register (P5D) Port P6 (P6) Port P6 direction register (P6D) Serial I/O status register (SIOSTS) Interrupt control register 2(ICON2) Transmit/Receive buffer register (TB/RB) CPU mode register (CPUM) Interrupt request register 1(IREQ1) Interrupt request register 2(IREQ2) Interrupt control register 1(ICON1) Prescaler 12 (PRE12) Timer 2 (T2) Prescaler X (PREX) Timer X (TX) Timer 1 (T1) Timer X mode register (TM) AD control register (ADCON) AD conversion register 1 (AD1) Port P0 direction register (P0D) Port P3 direction register (P3D) Reserved (Note) Reserved (Note) USB control register (USBCON) USB function/Hub enable register (USBAE) USB function address register (USBA0) USB HUB address register (USBA1) Endpoint index register (USBINDEX) Endpoint field register 1 (EPXXREG1) Endpoint field register 2 (EPXXREG2) Endpoint field register 3 (EPXXREG3) Endpoint field register 4 (EPXXREG4) Endpoint field register 5 (EPXXREG5) Endpoint field register 6 (EPXXREG6) Endpoint field register 7 (EPXXREG7) Reserved (Note) Reserved (Note) Frame number register Low (FNUML) Frame number register High (FNUMH) USB interrupt source enable register (USBICON) USB interrupt source register (USBIREQ) EXB interrupt source enable register (EXBICON) EXB interrupt source register (EXBIREQ) Reserved (Note) EXB index register (EXBINDEX) Register window 1 (EXBREG1) Register window 2 (EXBREG2) AD conversion register 2 (AD2) Watchdog timer control register (WDTCON) Reserved (Note) 0FE016 0FE116 0FE216 0FE316 0FE416 0FE516 0FE616 0FE716 0FE816 0FE916 0FEA16 Flash memory control register (FMCR) PLL control register (PLLCON) Port P5 pull-up control register (PULL5) Endpoint field register 8 (EPXXREG8) Endpoint field register 9 (EPXXREG9) Serial I/O control register (SIOCON) UART control register (UARTCON) Baud rate generator (BRG) Port P0 pull-up control register (PULL0) Interrupt edge selection register (INTEDGE) Reserved (Note) 0FEB16 0FEC16 0FED16 0FEE16 0FEF16 0FF016 0FF116 0FF216 0FF316 0FF416 0FF516 0FF616 0FF716 0FF816 0FF916 0FFA16 0FFB16 0FFC16 0FFD16 0FFE16 0FFF16 Reserved (Note) Reserved (Note) Reserved (Note) Reserved (Note) Reserved (Note) Reserved (Note) Reserved (Note) Reserved (Note) Reserved (Note) Reserved (Note) Reserved (Note) Reserved (Note) Reserved (Note) Reserved (Note) Reserved (Note) MISRG Reserved (Note) Reserved (Note) Reserved (Note) Reserved (Note) Note: Do not write any data to these addresses, because these areas are reserved. HUB interrupt source enable register (HUBICON) HUB interrupt source register (HUBIREQ) HUB down stream port index register (HUBINDEX) HUB port field register 1 (DPXREG1) HUB port field register 2 (DPXREG2) HUB port field register 3 (DPXREG3) Downstream port control register (DPCTL) |