| データシートサーチシステム |
|
H8SX1663 データシート(PDF) 525 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 データシート(HTML) 525 Page - Renesas Technology Corp |
|
525 / 1158 page ![]() Section 9 I/O Ports Rev.1.00 Jun. 07, 2006 Page 473 of 1102 REJ09B0294-0100 9.2.13 Port I (1) PI7/D15, PI6/D14, PI5/D13, PI4/D12, PI3/D11, PI2/D10, PI1/D9, PI0/D8 The pin function is switched as shown below according to the combination of operating mode, bus mode, the EXPE bit, and the PInDDR bit settings. Setting Bus Controller I/O Port Module Name Pin Function 16-Bit Bus Mode PInDDR Bus controller Data I/O* (initial setting E) 1 PIn output 0 1 I/O port PIn input (initial setting S) 0 0 [Legend] Initial setting E: Initial setting in external extended mode Initial setting S: Initial setting in single-chip mode n: 0 to 7 Note: * Valid in external extended mode (EXPE = 1) |