| データシートサーチシステム |
|
H8SX1663 データシート(PDF) 527 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 データシート(HTML) 527 Page - Renesas Technology Corp |
|
527 / 1158 page ![]() Section 9 I/O Ports Rev.1.00 Jun. 07, 2006 Page 475 of 1102 REJ09B0294-0100 (4) PM1/RxD6 The pin function is switched as shown below according to the combination of the PM1DDR bit setting. Setting I/O Port Module Name Pin Function PM1DDR PM1 output 1 I/O port PM1 input (initial setting) 0 (5) PM0/TxD6 The pin function is switched as shown below according to the combination of the SCI register setting and PM0DDR bit setting. Setting SCI I/O Port Module Name Pin Function TxD6_OE PM0DDR SCI TxD6 output 1 — PM0 output 0 1 I/O port PM0 input (initial setting) 0 0 |