| データシートサーチシステム |
|
H8SX1663 データシート(PDF) 627 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 データシート(HTML) 627 Page - Renesas Technology Corp |
|
627 / 1158 page ![]() Section 10 16-Bit Timer Pulse Unit (TPU) Rev.1.00 Jun. 07, 2006 Page 575 of 1102 REJ09B0294-0100 10.10.3 Caution on Cycle Setting When counter clearing by compare match is set, TCNT is cleared in the final state in which it matches the TGR value (the point at which the count value matched by TCNT is updated). Consequently, the actual counter frequency is given by the following formula: f = P φ (N + 1) f: P φ: N: Counter frequency Operating frequency TGR set value 10.10.4 Conflict between TCNT Write and Clear Operations If the counter clearing signal is generated in the T2 state of a TCNT write cycle, TCNT clearing takes precedence and the TCNT write is not performed. Figure 10.46 shows the timing in this case. Counter clear signal H'0000 P φ TCNT N Address Write T 1 T 2 TCNT address TCNT write cycle Figure 10.46 Conflict between TCNT Write and Clear Operations |