| データシートサーチシステム |
|
H8SX1663 データシート(PDF) 629 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 データシート(HTML) 629 Page - Renesas Technology Corp |
|
629 / 1158 page ![]() Section 10 16-Bit Timer Pulse Unit (TPU) Rev.1.00 Jun. 07, 2006 Page 577 of 1102 REJ09B0294-0100 10.10.7 Conflict between Buffer Register Write and Compare Match If a compare match occurs in the T2 state of a TGR write cycle, the data transferred to TGR by the buffer operation will be the write data. Figure 10.49 shows the timing in this case. TGR Compare match signal P φ N Address Write T 1 T 2 M TGR write cycle Buffer register address Data written to buffer register M Buffer register Figure 10.49 Conflict between Buffer Register Write and Compare Match |